PART |
Description |
Maker |
DME500 DME500-2 DME500-3 |
500 W, 50 V all devices utilize the most advanced design and process technologies, there features provide the most consistent and reliable chip 500WATTS - 50 VOLTS 1025/1150 MHZ 500WATTS - 50伏特一千一百五分之一千○二十五兆
|
Acrian List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
RKEF090 RKEF300 RKEF250 BBRF550 BBRF5501 RKEF500 R |
PolySwitch Resettable Devices Radial-leaded Devices Overcurrent Protection Device
|
Tyco Electronics http://
|
MICROSMD050F MICROSMD050F-2 |
Specification Status: Released PolySwitch?PTC Devices PolySwitch垄莽PTC Devices
|
Tyco Electronics
|
LVR016K-2 LVR100S LVRL100 LVRL100S LVRL200S LVR005 |
PolySwitch Resettable Devices Line-Voltage-Rated Devices
|
Tyco Electronics http://
|
1N476 1N499 1N500 1N279 1N292 1N294 1N567 1N450 1N |
165 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 12 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES(LOW FORWARD VOLTAGE, LOW POWER CONSUMPTION) 75 V, 500 mA, gold bonded germanium diode 120 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 115 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC]
|
NANOSMDM100F |
PolySwitch PTC Devices / Circuit Protection Devices
|
Tyco Electronics
|
TRF600-150-2 TRF600-160 TRF600-160-2 TRF600-160-R1 |
PolySwitch Resettable Devices Telecommunications & Networking Devices
|
Tyco Electronics
|
LVR008S |
PolySwitch垄莽PTC Devices PolySwitch?PTC Devices
|
Tyco Electronics
|
VTP170XSDF |
PolySwitch垄莽PTC Devices PolySwitch?PTC Devices
|
Tyco Electronics
|
MICROSMD035F |
PolySwitch?PTC Devices PolySwitch垄莽PTC Devices
|
Tyco Electronics
|
RGE1000 |
PolySwitch?PTC Devices Resettable Fuse PolySwitch庐PTC Devices Resettable Fuse Poly Switch PTC Devices
|
Tyco Electronics ETC List of Unclassifed Manufacturers
|
EPC1064 EPC1 EPC1213 EPC1441 EPC1441XXX EPC1064PC8 |
Configuration devices for SRAM-based LUT devices, 440,800 1-bit device with 5.0-V or 3.3-V operation Configuration devices for SRAM-based LUT devices, 65,536 1-bit device with 3.3-V operation Configuration devices for SRAM-based LUT devices, 65,536 1-bit device with 5.0-V operation Configuration devices for SRAM-based LUT devices, 212,942 1-bit device with 5.0-V operation
|
Altera Corporation List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|